PART |
Description |
Maker |
MAX364308 MAX3643ETG |
155Mbps to 2.5Gbps Burst-Mode Laser Driver
|
Maxim Integrated Products
|
MAXIM MAX3656 |
155Mbps to 2.5Gbps Burst-Mode Laser Driver
|
MAXIM - Dallas Semiconductor
|
SY88349NDLMGTR |
2.5Gbps Burst-Mode Limiting Amplifier
|
Micrel Semiconductor
|
SY88236ALMGTR SY88236LMGTR |
2.5Gbps Burst Mode Laser Driver with
|
Micrel Semiconductor
|
C-15-155-FDFB-SLC8A C-15-155-FDFB-SLC8A-G5 C-15-15 |
FIBER OPTIC TRANSCEIVER, 1480-1580nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR 155 Mbps Single Mode SFF LC Transceiver
|
http:// Source Photonics, Inc.
|
5962-9231604MTA 5962-9231602MXA 5962-9231603MYA 59 |
622Mbps/1244Mbps Burst-Mode Clock Phase Aligner for GPON OLT Applications 2.97V to 5.5V, 125Mbps to 200Mbps Limiting Amplifier with Loss-of-Signal Detector 155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control x1的SRAM Precision, Quad, SPST Analog Switches x1的SRAM
|
Vicor, Corp.
|
T-11-2315T-04 T-11-2315T-04-G5 T-11-2315T-04-GR |
FIBER OPTIC RECEIVER, 1100-1650nm, 155Mbps, THROUGH HOLE MOUNT 155Mbps PIN-TIA Receiver Modules
|
Source Photonics, Inc.
|
SP-03-IR1-CDA SP-03-IR1-CNA SP-03-IR1-TDA SP-03-IR |
FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), PANEL MOUNT ROHS COMPLIANT PACKAGE-20 OC-3 IR1 SFP Transceiver
|
Source Photonics, Inc.
|
C-13-2500C-FDFB-SLC2 C-13-2500-FDFB-SLC2 |
2.5Gbps Single Mode SFF LC Transceiver (IR1)
|
Source Photonics, Inc.
|
SPS-93120-CXX0G |
3.3V / CWDM / 2.5 Gbps SFP LC SINGLE-MODE TRANSCEIVER 3.3 /波分复用/立法会的2.5Gbps SFP单模收发
|
Optoway Technology, Inc.
|
MB82DBS04164E-70L |
64 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
|
Fujitsu Component Limited. Fujitsu Media Devices Limited
|
SPL-54B33B-AG SPL-54B33B-G |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
|
Optoway Technology Inc
|